PART |
Description |
Maker |
AN1593 LM2575D2T-5R4 LM2575TV-ADJ LM2575D2T-005 LM |
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS 1A, Adjustable Output Voltage, Step-Down Switching Regulator EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
Motorola, Inc ON Semiconductor
|
LM2575-5 LM2575-D |
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator Easy Switchertm 1.0 a Step-down Voltage Regulator
|
ON Semiconductor ONSEMI
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MAX1536 |
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control From old datasheet system
|
MAXIM - Dallas Semiconductor
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
TLE8366EV50 TLE8366 TLE8366EV TLE8366EV33 |
1.8A DC/DC Step-Down Voltage Regulator
|
Infineon Technologies AG
|
AMC2576-5.0 AMC2576-3.3 AMC2576 AMC2576-ADJ AMC257 |
3A STEP DOWN VOLTAGE REGULATOR
|
ADDtek Corp
|
|